PART |
Description |
Maker |
SP1481E SP1481ECN-L SP1481ECN-L_TR SP1481EEN-L SP1 |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Exar Corporation
|
SP485E |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Sipex Corporation
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
SP485CN_TR SP485ES SP481 SP481_04 SP481CN SP481CN_ |
Low Power Half-Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation] Exar Corporation
|
AMBE-2020 |
2.0 - 9.6 KBPS Single ic For Half-duplex, Toll-quality, Low Data Rate, Real Time Speech Compression
|
N.A.
|
FGP-1000 |
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
SP3481 SP3485 SP3485CN SP3485CP SP3485EN SP3485EP |
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate Cermet Potentiometer; Resistance Max:10kohm; Resistance Tolerance: /- 10 %; Power Rating:1W; Voltage Rating:350V; Series:149; Temperature Coefficient: /-150 ppm; Resistor Element Material:Cermet; Leaded Process Compatible:Yes
|
SIPEX[Sipex Corporation]
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
IDT54FCT138ATSO IDT54FCT138ATSOB IDT74FCT138ATSO I |
Enhanced JFET Low-Power Precision Operational Amplifier 8-PDIP 0 to 70 Adjustable Precision Shunt Regulator 5-SOT-23 -40 to 85 快速CMOS 1 - 8解码器,使能 Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC 0 to 70 快速CMOS 1 - 8解码器,使能 Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC 0 to 70 FCT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP16 FAST CMOS 1-OF-8 DECODER WITH ENABLE 快速CMOS 1 - 8解码器,使能
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
ISL4491EIB-T ISL4489EIB ISL4489EIB-T ISL4489EIBZ I |
15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|